PART |
Description |
Maker |
HIP6311 |
PWM Controller, 2-4 Phase Sync Buck, 5-Bit VID DAC, 1.100V to 1.850V in 25mV Steps, .8% Reg, Prog Droop Voltage
|
Intersil
|
BDX95 |
Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:320Vrms; Voltage Rating DC, Vdc:420VDC; Peak Surge Current (8/20uS), Itm:4500A; Clamping Voltage 8/20us Max :850V; Peak Energy (10/1000uS):80J; Capacitance, Cd:380pF Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
|
Seme LAB
|
DPC-24-1000B20 DPC-10-1000B3 DPC-10-440B2 DPC-16-7 |
POWER TRANSFORMER, 24 VA POWER TRANSFORMER, 10 VA POWER TRANSFORMER, 4.4 VA POWER TRANSFORMER, 1.2 VA POWER TRANSFORMER, 1 VA Low Frequency, Open-Style Laminated Concentric Vertical Profile, PC Plug-In Series
|
Pulse Electronics, Corp. PULSE ELECTRONICS CORP Pulse A Technitrol Company Pulse A Technitrol Comp...
|
45912-0030 0459120030 |
12.90mm (.508) Pitch EXTreme PowerEdge? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Power, Signal, Power, Power Sequence), Press-Fit
|
Molex Electronics Ltd.
|
AT73C203 |
Power Management IC for Datacom Platforms 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PBGA100 The AT73C203 is a low-cost, ultra low-power, power and battery management IC designed to interface directly with portable and hand-held applications built around microprocessors requiring smart power management functions. It includes all r
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
AT73C224-A AT73C224-B AT73C224-E AT73C224-G AT73C2 |
Power Management and Analog Companions (PMAAC) 1-CHANNEL POWER SUPPLY SUPPORT CKT, QCC32 Ultra-low Power Real-time Clock (RTC) and Backup Battery Management Activation of the Power Management Modules via Dedicated Enable Pin
|
聚兴科技股份有限公司 ATMEL Corporation
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
43045-1208 43045-1806 43045-1608 43045-2406 43045- |
Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Surface Mount RoHS Compliant: Yes POWER CONNECTOR 430451806 POWER CONNECTOR 430451608 POWER CONNECTOR Microfit 3.0 RA SMT/Clip DR Tin 24 Ckt POWER CONNECTOR 430450206 POWER CONNECTOR
|
Molex, Inc.
|
ICE1QS01G |
Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction (PFC)
|
Infineon Technologies AG
|
2SD1707 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SB0942 2SB0942A 2SB942 2SB942A |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|